Part Number Hot Search : 
N6211 AD8609 TM128 COM20051 05S12 CA808 P1600 MAX16
Product Description
Full Text Search
 

To Download 2MH0509XD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2mh-xd 2mh-xd series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 1 of 2 selection selection guide guide order code input voltage (vdc) nominal input current no load input current full load output voltage (vdc) output current (max. ma) efficiency full load (% typ.) 2mh0505xd 5 50 615 5 400 65 2MH0509XD 5 47 545 9 200 66 2mh1205xd 12 40 252 5 400 66 2mh1209xd 12 38 220 9 200 68 2mh1212xd 12 35 245 12 167 68 2mh2405xd 24 16 128 5 400 65 model model selection selection 2 2 mh mh 05 05 05 x x d d product series in put voltage output voltage fixed input dip24 package style s electrical electrical specifications specifications typical at + 25 c, nominal input voltage, rated output current unless otherwise specified input input specifications specifications voltage range 10 % filter pi network isolation isolation specifications specifications rated voltage 5200 vdc leakage current 1 ma resistance 10 9 ohm capacitance 60 pf typ. output output specifications specifications voltage accuracy 2%, max. ripple and noise (at 20 mhz bw) 75 mv p-p, max. short circuit protection continuous , restart automatic line voltage regulation 0.5% max. load voltage regulation 0.5% max. temperature coefficient 0.02 % / general general specifications specifications efficiency 65% to 85% switching frequency 125 khz, typ. environmental environmental specifications specifications operating temperature (ambient) -40 to +85 storage temperature - 55 to + 125 derating see graph humidity up to 90 %, non condensing cooling free air convection physical physical characteristics characteristics dimensions 31.8 x 20.3x 10.2 mm 1.25 x 0.80 x 0.40 inches weight 12.2 g case material non conductive black plastic technical technical data data input input parameter conditions data u in dc input voltage 5vdc 12vdc 24vdc 4.5~5.5v 10.8~13.2v 21.6~26.4v f sw switching frequency 20khz typ efficiency 50% input filter -filter microdc r eserves the copyright 5.2 kv isolated 2w regulated single output dip24 converters features features input 5, 12 and 24 vdc low output ripple & noise pi type input filter output 5, 9,12vdc high efficiency up to 78 % standard 24 pin dip package other specifications please inquire applications applications the 2mh-xd series offer 2 watts of output power from a package in an ic compatible 24 pin dip configuration without derating to 71 ambient temperature. mh-xd features 52 00vdc of isolation voltage.
2mh-xd 2mh-xd series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 2 of 2 mechanical mechanical dimensions dimensions recommended recommended footprint footprint footprint footprint details details pin connection single 1 2 +v input 3 10 11 omitted 12 -v output 13 + v output 14 15 22 omitted 23 24 -v input temperature temperature derating derating curve curve tube tube outline outline dimensions dimensions note: unit :mm[inch] general tolerances: 0.50mm[ 0.020inch] l=530mm[20.866inch] tube quantity: 19pcs l=220mm[8.661inch] tube quantity: 7pcs


▲Up To Search▲   

 
Price & Availability of 2MH0509XD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X